PART |
Description |
Maker |
MAX1169 MAX1169AEUD MAX1169ACUD MAX1169CEUD MAX116 |
58.6ksps / 16-Bit / 2-Wire Serial ADC in a 14-Pin TSSOP 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP 58.6ksps6位,2线串行ADC采用14引脚TSSOP封装
|
Maxim Integrated Products, Inc.
|
IS24C01B-2ZLI IS24C02B-2PLI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
DS2432P-W072T CAT93C86LA-GT2 DS2432P-W022T DS28E04 |
1Kb Protected 1-Wire EEPROM with SHA-1 Engine 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 4096-Bit Addressable 1-Wire EEPROM with PIO 4K X 1 1-WIRE SERIAL EEPROM, PDSO16 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 1K X 1 1-WIRE SERIAL EEPROM, PBCY3 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 1K X 1 1-WIRE SERIAL EEPROM, PBGA6 2Kb SPI EEPROM with PIO, RTC, Reset, Battery Monitor, and Watchdog 256 X 8 EEPROM 3V, PDSO28 1Kb????ゅ?1-Wire EEPROM锛?甫??HA-1寮??
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
IS24C02A-2GLI IS24C02A IS24C16A-3ZLA3 IS24C02A-2DL |
1K-BIT/2K-BIT/4K-BIT/8K-BIT/16K-BIT 2-WIRE SERIAL CMOS EEPROM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS24C128 IS24C128-2 IS24C128-3 IS24C128-3G IS24C12 |
131/072-bit 2-WIRE SERIAL CMOS EEPROM 131/072-bit2-WIRESERIALCMOSEEPROM 131,072-bit 2-WIRE SERIAL CMOS EEPROM 131,072线串行EEPROM中的CMOS 131,072-bit 2-WIRE SERIAL CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] ETC Integrated Silicon Solution, Inc.
|
24C256 IS24C256 IS24C256-2G IS24C256-2GI IS24C256- |
262,144-bit 2-WIRE SERIAL CMOS EEPROM 262,144-bit 2-WIRE SERIAL CMOS EEPROM 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 DIODE ZENER 6.2V 120MW SSSMINI2 262/144-bit2-WIRESERIALCMOSEEPROM
|
Integrated Silicon Solu... Integrated Silicon Solution, Inc. ETC ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
AT90CAN128 AT90CAN128-16MI AT90CAN128-16AE AT90CAN |
8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller 8位微控制器集成有128KB的ISP的闪存控制器CAN字节 Closed End Wire Splice; Color:Tan/Yellow; Wire Size (AWG):2 #22 to 3 #12; Contact Material:Spring Steel; Pack Quantity:100; Series:T/Y ; Terminal Type:Insulated IDC Electrical Spring
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
IS24L256-2PLI IS24L256-2PI IS24L256 IS24L256-2GI I |
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution, Inc
|
IS24C32A IS24C32A-2GI IS24C32A-2GLI IS24C32A-2PI I |
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
|
http:// Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc]
|